Part Number Hot Search : 
T2700M TCA965B BAS40LP BD546B 83026AMI SLE4441C F20M40CT BAS40LP
Product Description
Full Text Search
 

To Download W632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90 60 30 photometry plane view cross view specification eclipse wall mount W632 . w634 . w638 3 1 2 all exposed cast aluminum components are made of non corrosive pure aluminum copper free (aluminum is less than .1% copper content.#356 alloy.) eclipse is designed designed to accommodate various lamp sources, and wattage. finish: all polyester powder baked coatings preceded with a 5 baths preparation process. meets military grade mil-c781706 with a 2000 hours salt spray test. - pulse rated porcelain socket or 75w/600v thermoplastic compact fluorescent socket. - one-piece molded silicone gasket with memory retention. - high power factor cwa ballast. or 98% p.f.electronic smart ballast with end of life detection for compact fluorescent. - all stainless steel hardware. 1- removable top cover, for quick access to lamp. 2- cast aluminum top sealed cover. 3- 1/2?dia. solid aluminum struts. 4- W632 only; set of 3 cast aluminum blades. 5- white translucent u.v. protected high impact acrylic diffuser. 6- cast aluminum ballast base housing. 7- removable bottom cover. 8- w638 only: field adjustable semi oblong aluminum reflector disc. top view mounting 8 3 14 3/8 7 4 5 6 8 W632 w634 w 638 7 4 18 13 1/4 front view side view 11 10 21 w634 W632 w638 luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 sept. 2006 rev. feb.2007 toll free: 888 .401 .6999 max. weight: 30 lbs.installation: mounts over a standard 4?octagonal box with 3 1/2?c/c mounting holes. additional mounting holes are provided with wall plate. ul. wet location. certification (lamps by others) light source selection 120 v standard factory prewired (if no voltage is specified) for other voltages, please specify with catalog number. 208 v 240 v 277 v 347 v 480 v 347 v (to specify) s mart ballast 120/277 mh (ed17) cf (gx24q) m70 m100 hps (ed17) h70 h100 single lamp f142 f157 f170 f226 f232 f242 f257 cf (gx24q) two lamps model# v oltage f inish o ptions W632 w634 w638 h.i.d. mounting. comp. fluo. inc. (a19) a 100 for options details and specifications, please refer to page 42 luminaires may be altered for design improvements or discontinued without prior notice. standard selection wht :snow white bkt : jet black bzt : bronze grt : titanium gray dgt : gun metal cht : champagne mst : matte silver gnt : forest green optional colors cs : custom color ral : ral# color (refer to color chart) separate updated technical specification sheets with related models and light sources with i.e.s formatted photometry are available on www.luminis.com. l u m i i n s page 31 accessories dl1 : 50w/12v down light dl2 : up light glow dlc : up/down light combination. os : 18?dia. alum. oblong disc note: dl1 & dlc options are not available when em42s electrical em42s: 1 lamp (26/32/42w) em battery. fs: fuse ph1 : 120/277v photo cell ph2 : 347v photo cell qs: standby lamp socket. qrs: h.i.d. lamp restrike note: em optional battery test switch and pilot lamp are installed remotely. (see page 72)
page 41 5/8?o.d. suspension stem. stm60 60?lg. stm80 80?lg. for other factory cut to size length add suffix -stm with desired length to catalog# max.120 luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 eclipse toll free: 888 .401 .6999 general notes: please specify selected option as a suffix to luminaire model number. ex: w614-m100-wht- lb1 each model is provided with a listing of compatible options. some options may not be compatible when used in the same luminaire. please check listings. optional accessories house side shield exterior white enamel, and specular aluminum inner reflective surface. the shield is inserted and snaps inside the diffuser. 360?on site rotation. option: h2 for post top luminaires h1 for bollard mount luminaires. light distribution control option: r3 option: r4 t ype iii light distribution refractor t ype iv light distribution refractor dl1 / dl2 combination. 12v/50w mr16 down light with integral 120/12v or 277/12v electronic transformer. other input voltages on request. open sealed top cover allowing up- lighting wall mount light options option: dl1 dl1-277 option: dl2 option: dlc suspension safety cable option: stc additional safety cable, extended 12?beyond canopy 18?dia. 13 1/4 reflector disc aluminum oblong reflector disc. (factory installed) applicable to W632 & w640 option: os for restricted access. locked push button. requires 8-32 hexagonal key to release. push release button lock option: lb1 ph1 - 120v ph2 - 277 / 347v light photo sensor photo electric sensor, factory installed with the pole or inside fixture when pole is not required. option: 45?hang straight ball swivel for 5/8?dia. suspension stem. option: sw45 slope ceiling adaptor note:other down light sources than shown with option dl4 are available. please consult factory. 50 w / mr16 adjustable down light available with 120v power input. for other voltages, please consult factory option: dl4 adjustable down light (w780 series) e mergency battery pack em42 one lamp: 26w: 450 lmns.. 32w: 575 lmns. 42w: 750 lmns. t ime: 90 mnts -120/277v t 0?c for 57w & 70w: consult factory type iii reflector type iii multifaceted specular reflector. (single lamp only.) option: rf3 / ra3 / rl3 / pr3 frosted lower portion of diffuser. semi frosted diffuser option: lf1 lamp base 26w 32w 42w 57w 70w 85w 120w g24xq3 g24xq3 g24xq4 g24xq5 g24xq6 2g8-1 2g8-1 39w 50 w 70w 70w 100w 150w 150w 175w t6/g12 m130 ed17 m110/m148 ed17 m198/m143 t6/g12 m139 ed17 m90/m140 ed17 m102/m142 t6/g12 m142 ed17 m57 ansi code l amp watts lamps & ballast compatibility compact fluorescent metal halide lamp base l amp watts quartz restrike standby lamp kit. when power failure is restored, i t will energize temporary quartz lamp with progressive dimming until full h.i.d light output is produced. max.100w dc bayonet type. (lamp is not included.) not applicable with cfl lamps. quartz lamp restrike option: qrs quartz lamp restrike quartz lamp socket for external 120v emergency power input. separate 120v dedicated wiring is included. max.100 w dc bayonet type. (lamp is not included.) not applicable with cfl lamps. option: qs l u m i i n s fuse option fs b allast protection fuse available with h.i.d. luminaires only note: fs option fuse is factory calibrated and installed with selected wattage. post mount luminaires: fs installed with pole. all other types: fs is installed with luminaire. type iv reflector type iv forward throw aluminum specular reflector.(single lamp only.) s uspension stem please refer to page 72 for more details sept. 2006 rev. feb.2007 luminaires may be altered for design improvements or discontinued without prior notice. option: rf4 / ra4 / rl4
luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 sept. 2006 rev. feb.2007 toll free: 888 .401 .6999 acw1 27 17 3/4 aca1/ acw1 -1?x 3?extruded aluminum side pole or wall mounting adaptor. 1/2?dia. stainless steel rod support. 10?x 4?o.dia. aluminum tenon. 10 16 11 1/2 6 3/8 10 1/2 6 1/8 28 4 1/2 17 3/4 aca1 wall mount 4 5/8 3 ec3ps -1?x 3?extruded aluminum twin short arm side pole mounting adaptor designed to fit with 4 to 5?dia. poles. 16?lg. x4?o.d. tenon. this option is applicable only to catalog numbers with the suffix ls ec3ws -1?x 3?extruded aluminum twin short arm mounting adaptor designed for wall installation, with a set of two cast aluminum mounting plates. this option is applicable only to catalog numbers with the suffix ls pole mount eclipse optional mounting and accessories power power power acw1 series mounting 4 5/8 3 6 1/8 6 1/8 17 3/8 ec3w ec3ws series mounting power ec3w -1?x 3?extruded aluminum twin extended arm mounting adaptor designed for wall installation, with a set of two cast aluminum mounting plates. please specify selected option with a suffix to the specified model number. ex: w624ls- ec3ws -ec5 m100-wht power epa:0.7 3 1/2 2 1/2 18 .093?thick hard aluminum factory prefixed dropped shade. the underside is standard white enamel to optimize lighting performance. the shade can slide along the diffuser to accommodate various landscape viewing angles. 3/16?thick cast aluminum shade for applications where heavy traffic requires indestructible materials. the underside is standard white enamel to optimize lighting performance. the shade can slide along the diffuser to accommodate various landscape viewing angles. 30 23 2 1/2 2 1/2 30 2 1/2 25 pier or short wall top mount 6?dia. 2 ?dia.power entry. (3) 5/8?dia. mounting holes @ 120 8 ?dia. option: pr7 option: ec5 30 ?ia. aluminum single adjustable dropped shade 18?dia. cast aluminum adjustable shade option: ec7 23/30 ?ia. aluminum double adjustable dropped shade set of two .093?thick hard aluminum shades factory prefixed. the underside is standard white enamel to optimize lighting performance. the set of shades can slide along the diffuser to accommodate various landscape viewing angles. note: the distance between the two shades is fixed. option: ec6 short bollard stand. compatible with all bollard luminaires. add. pr7 as suffix to the selected bollard model. luminaires may be altered for design improvements or discontinued without prior notice. epa:0.72 16 18 3/8 7 1/4 power ec3p -1?x 3?extruded aluminum twin extended arm side pole mounting adaptor designed to fit with 4 to 5?dia. poles. 16?lg. x4?o.d. tenon. epa:0.97 epa:0.25 epa:0.44 epa:0.26 l u m i i n s page 42 compatible with: aca1 ec3p acw1 ec3w compatible with: aca1 ec3p ec3ps acw1 ec3w ec3ws compatible with: aca1 ec3p acw1 ec3w compatible with: w788 to w791 bollard series.
eclipse optional mounting and accessories w616 w618 w614 w708 w712 w624 w722 w766 ec3ps pole mount short arm. luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 sept. 2006 rev. feb.2007 toll free: 888 .401 .6999 luminaires may be altered for design improvements or discontinued without prior notice. w616ls w618ls w614ls w624ls w722ls acw1 wall mount w606 1 ec3w wall mount extended. aca1 pole mount acw1 wall mount l u m i i n s wall mount aca1 pole mount ec3ws wall mount short.arm wall mount pole mount pole mount ec3p wall mount extended. page 43 w768 w770 10 1/2 16 4 1/2 22 16 11 1/2 16 16 18 1/2 17 1/2 16 28 compatible poles listing. paa410 paa412 paa414 paa416 paa418 paa420 paa510-a paa512-a paa514-a paa516-a paa518-a paa520-a pex10 pex12 pex14 pex16 pex18 pex20 pxd10 pxd12 pxd14 pxd16 pxd18 pxd20 pca10 pca12 pca14 pca16 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft * note: 36?extension with aca attachment 24?extension with ec3p attachment 4?.d. 5 ?.d. 4 ?.d. 4 ?.d. 4 ?.d. post top mounting post side mount with ec3p attachment accessory paa414-aca paa416-aca paa418-aca paa420-aca paa514-aca paa516-aca paa518-aca paa520-aca pxd14-aca pxd16-aca pxd18-aca pxd20-aca 14 ft 16 ft 18 ft 20 ft pca14-aca pca16-aca paa410-c3p paa412-c3p paa414-c3p paa416-c3p paa418-c3p paa420-c3p paa510-c3p paa512-c3p paa514-c3p paa516-c3p paa518-c3p paa520-c3p 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft pca12-c3p pca14-c3p pca16-c3p pex12-c3p pex14-c3p pex16-c3p pex18-c3p pxd12-c3p pxd14-c3p pxd16-c3p pxd18-c3p post side mount with aca1 attachment accessory pex pole style pxd pole style 60 * note pca pole style pca pole style paa pole style for poles details and specification, please refer to pages 140 to 144 pole height mounting style oal pole height 12- 14 or 16ft. post top mount 4


▲Up To Search▲   

 
Price & Availability of W632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X